|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SB1375 DESCRIPTION *With TO-220F package *Complement to type 2SD2012 *Low collector saturation voltage: VCE(SAT)=-1.5V(Max) at IC=-2A,IB=-0.2A *Collector power dissipation: PC=25W(TC=25 ) APPLICATIONS *Audio frequency power amplifier PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION Absolute maximum ratings (Ta=25 ) SYMBOL VCBO VCEO VEBO IC IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -7 -3 -0.5 2.0 W UNIT V V V A A SavantIC Semiconductor Product Specification Silicon PNP Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-50mA ;IB=0 IC=-2A ;IB=-0.2A IC=-0.5A;VCE=-5V VCB=-60V; IE=0 VEB=-7V; IC=0 IC=-0.5A ; VCE=-5V IC=-2A ; VCE=-5V IC=-0.5A ; VCE=-5V IE=0; f=1MHz;VCB=-10V 100 15 MIN -60 2SB1375 SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB TYP. MAX UNIT V -1.0 -0.75 -1.5 -1.0 -10 -10 320 V V A A 9 50 MHz pF 2 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors PACKAGE OUTLINE 2SB1375 Fig.2 Outline dimensions 3 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SB1375 4 |
Price & Availability of 2SB1375 |